|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Tel : Fax : email : +44 118 979 1238 +44 118 979 1283 info@actcrystals.com ACT9200SSC The ACT9200SSC is housed in a miniature, low profile SMD package, with a ceramic base utilising a seam welded metal lid for high reliability and better long-term stability. Spread Spectrum Technology is employed to assist with EMI emission reductions. A Low Jitter version is available as the 9200SSCL . Taped and reeled packaging (1K reels) and loose quantities are available, to suit high and low volume production. Other Spread Spectrum devices are available in 5x3.2 (ACT9300SSC), DIL14 and 9.6x11.4x2.5. A 0.5% total percentage device is available to special order (MOQ 2K). SPECIFICATION Parameter Supply Voltage Frequency Range Frequency Stability Temp Operating Range Temp Storage Range Operating Current Spread Percentage Down spread or Centre spread need to be Specified when ordering.** Tolerance 2% of Total% Symbol VDD fo f/fo Topr Tstg Iop Total % 0.5# 1.0 3.0 Specification 3.3VDC 5% 3.500 ~160.0 MHz 25ppm, 50ppm or 100ppm 0 ~ +70C or -40 ~ +85C -65 to +150C 7mA (10MHz) 8mA (32.768MHz) 17mA (75MHz) 18mA (125MHz) Down Spread % -0.5# 1 -3% -7dBc 100MHz at C=0.25# -9dBc min 100MHz at C=0.5 -15dBc min 100MHz at C=1.5 6.9KHz min, 55.5KHz max Centre Spread % (c) 0.25# 0.5 1.5 Condition Please specify Please specify Please specify Freq Dependant Please specify # Tri State not available. EMI Reduction dBc: with respect to EMI level with no modulation. See examples Dependant on frequency CL=15pF: @50%VDD Modulation Carrier Frequency Duty Cycle Output Level `0' Output Level `1' Output Impedance Rise & Fall Time (max) Output Load Start-up Time Tri-state# Static discharge Voltage Ageing Cycle to Cycle Jitter Fa Tj TrTf N/CL Tosc Tw/t VOL VOH 45/55% 0.8V max 0.2 V typical (at 10% VDD) 2.0V min 3.2V typical (at 90% VDD) 40 ohms typical 4.0nS max (10%VDD to 90%VDD) 15pF CMOS 5mS max, 2mS Typical Tri state: output when low. Disable time 100nS max >2000V 5ppm 250pS typical, 300pS max 100K int'l pull up resistor MIL STD 883 Method 3015 first year max @25C for 13 MHz Oscillator Notes: **For initial design samples centre spread 1.5% is recommended. # Tri state not available on 0.5% total spread versions. Please note that all parameters can not necessarily be specified in the same device Customer to Specify : Frequency, Frequency Stability, Operating Temperature Range, Centre or down Spread, Spread Percentage In line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. ISO9001: 2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com Issue:5 M6 Date:01/02/06 1 of 6 Tel : Fax : email : +44 118 979 1238 +44 118 979 1283 info@actcrystals.com ACT9200SSC Spread Spectrum principle: Down Spread Centre Spread In line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. ISO9001: 2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com Issue:5 M6 2 of 6 Date:01/02/06 Tel : Fax : email : +44 118 979 1238 +44 118 979 1283 info@actcrystals.com ACT9200SSC Spread Spectrum principle (continued from page 2) Spread Spectrum Clock (SSC), the mode energy of a spread spectrum clock is spread over a wider bandwidth, resulting from the frequency modulation technique. The modulation carrier frequency is in the KHz range which makes the modulation process transparent to the oscillator frequency. The controlled modulation process can be on all of one side of the nominal frequency (DOWN SPREAD) or equally spread either side of the nominal frequency (CENTRE SPREAD) . If OVER-CLOCKING is a problem to the system then the down spread is preferred. Instantaneous Frequencies (100MHz Nominal Frequency) Down Spread Centre Spread Min Max Min Max Down Range Up Range Down Range Up Range -1.0% 0% -0.25% +0.25% -5000ppm 0ppm -2500ppm +2500ppm 99.500000 100.000000 99.750000 100.250000 Note. Tri State not available with 0.5% versions. -0.5% -1.0% +0.5% 0% 0ppm -5000ppm -10000ppm +5000ppm 99.500000 100.500000 99.000000 100.000000 -3.0% 0% -1.5% +1.5% -30000ppm 0ppm -15000ppm +15.000ppm 97.000000 100.000000 98.500000 101.500000 Total Spread % 0.5% 1% 3% EMI Reduction Data Main mode: EMI reduction: 10Log 3rd Harmonic: EMI reduction: 10Log 5th Harmonic: EMI reduction: 10Log %x ( Total spread 0.12 frequency (fo) ) dB ( ( Total spread % x frequency(fo)x3 0.12 ) ) dB Total spread % x frequency(fo)x5 0.12 dB In line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. ISO9001: 2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com Issue:5 M6 Date:01/02/06 3 of 6 Tel : Fax : email : +44 118 979 1238 +44 118 979 1283 info@actcrystals.com ACT9200SSC EMI Example Test Data Nominal Frequency 100MHz Modulation Carrier 34.678KHz Example Whole Spectrum EMI Data 100MHz In line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. ISO9001: 2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com Issue:5 M6 Date:01/02/06 4 of 6 Tel : Fax : email : +44 118 979 1238 +44 118 979 1283 info@actcrystals.com ACT9200SSC 13.1dBc EMI reduction ACT9200SSC REFLOW SPECIFICATION In line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. ISO9001: 2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com Issue:5 M6 Date:01/02/06 5 of 6 Tel : Fax : email : +44 118 979 1238 +44 118 979 1283 info@actcrystals.com ACT9200SSC REEL TAPE & REEL SPECIFICATIONS A 180 B0.5 2.2 D1.0 20.2 C0.2 13 N1.0 62 T0.1 16.5 G2.0 20.5 mm TAPE A0.1 7.7 B0.1 5.3 C0.1 1.8 D1.0 8.0 E0.1 16.0 F0.1 4.0 G0.05 2.0 H+0.1-0 1.5 mm In line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. ISO9001: 2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com Issue:5 M6 Date:01/02/06 6 of 6 |
Price & Availability of ACT9200SSC |